Part Number Hot Search : 
AD515AL 12400 505020 AD7397AR TLOH62TF 104K2G P600S DG408AK
Product Description
Full Text Search
 

To Download 1N5703 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GENERAL PURPOSE ABRUPT VARACTOR DIODES 1N5681 TO 1N5709
PART NUMBER
CAPACITANCE @ 4Vdc 1 MHz (pF)
MIN QUALITY FACTOR @ 4Vdc F = 50 MHz
CAPACITANCE RATIO 2V / 40V 4V / 60V MIN TYP MIN TYP
MAX WORKING VOLTAGE (Vdc)
MIN REVERSE BREAKDOWN VOLTAGE Ir = 10A (Vdc)
1N5681 1N5682 1N5683 1N5684 1N5685 1N5686 1N5687 1N5688 1N5689 1N5690 1N5691 1N5692 1N5693 1N5694 1N5695 1N5696 1N5697 1N5698 1N5699 1N5700 1N5701 1N5702 1N5703 1N5704 1N5705 1N5706 1N5707 1N5708 1N5709
6.8 8.2 10.0 12.0 15.0 18.0 22.0 27.0 33.0 39.0 47.0 56.0 68.0 82.0 100.0 6.8 8.2 10.0 12.0 15.0 18.0 22.0 27.0 33.0 39.0 47.0 56.0 68.0 82.0
600 600 550 550 550 500 500 500 500 450 400 300 250 225 200 450 450 400 400 400 375 375 350 350 325 300 225 175 150
3.1 3.1 3.2 3.2 3.2 3.2 3.3 3.3 3.3 3.3 3.3 3.3 3.3 3.3 3.3
3.3 3.3 3.4 3.4 3.4 3.4 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 2.7 2.7 2.8 2.8 2.8 2.8 3.2 3.2 3.2 3.2 3.2 3.2 3.2 3.2 2.9 2.9 3.0 3.0 3.0 3.0 3.4 3.4 3.4 3.4 3.4 3.4 3.4 3.4
40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 60 60 60 60 60 60 60 60 60 60 60 60 60 60
45 45 45 45 45 45 45 45 45 45 45 45 45 45 45 65 65 65 65 65 65 65 65 65 65 65 65 65 65
Package Style DC Power Dissipation Max Reverse Current (IR) Max Reverse Current (IR2) Operating Temperature (Topr) Storage Temperature (Tstg) Capacitance Tolerance:
@ Ta = 25C @ Ta = 150C
Standard Device Suffix A Suffix B
DO-7 400 mW 20 nA @ MWV 20 A @ MWV -65 to + 175C -65 to + 200C 20% 10% 5%
P.O. BOX 609 * ROCKPORT, MAINE 04856 * 207-236-6076 * FAX 207-236-9558


▲Up To Search▲   

 
Price & Availability of 1N5703

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X